Part Number Hot Search : 
205155 XC7SH125 PWR1313 R2A20117 L331C 72631 PG5402 NC7SZ175
Product Description
Full Text Search
 

To Download DTPA1074 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTPA1074
80 Watt Flyback Transformer
* * * * * * * * Power Integrations TOPSwitch-GX Family Transformer Designed for TOP245-247 Chip Sets* Universal Input 85-265 Volts Low Leakage Inductance Designed to meet IEC950 Cost Effective Design 15v, 15v, & 15v Secondaries Custom modifications available (contact DTM engineering)
3 7 +15 V
PRIMARY 8 +V 1 9 +15 V
5 +15 V BIAS 10 6 11 +15 V
12
Parameter
Lp Llkg SRF Rp Rb Rs Rs Rs Primary Inductance Leakage Inductance Self Resonant Frequency DC Resistance Primary DC Resistance Bias DC Resistance Secondary DC Resistance Secondary DC Resistance Secondary
Electrical Characteristics Min Typ Max Units
128 1.3 .110 .040 .011 .011 .011 141 154 4 uH uH MHZ Ohms Ohms Ohms Ohms Ohms
Conditions
1-3 1v @ 132khz 1-3 1v @ 132khz (short 3,4,5,6,7,8,9,10) 1-3 1-3 @ 25 degC 5-6 7-8 9-10 11-12
Parameter
Po Vo Recommended Output Power Output Voltage
Min
20 12v
Performance Specifications Typ Max Units
80 15v,15v,15v 48v Watts Volts
Conditions
Total Output Parallel / Individual / Series
Parameter
Top Tr DWV DWV DWV Temperature Range Temperature Rise Isolation Voltage Isolation Voltage Isolation Voltage
Absolute Maximum Ratings Min Max Units
- 40 3000 1500 500 + 130 50 degC degC Vrms
Conditions
@ Rated Power Pri,bias-sec Pri-bias Sec-Sec
Specifications subject to change without notice. Turns Ratio available on request. * 80 Watt design uses Top 247
www.dtmagnetics.com
DT Magnetics International, Inc. 140 Crosby Road Dover, NH 03820 Phone (603) 742-4375 Fax (603) 742-9165 Date code 0229
sales@dtmagnetics.com
engineering@dtmagnetics.com
Local Sales Rep Label
DTPA1074
Package Specifications Typical Voltage Combinations
3 7 +48 V
1.24" Max.
PRIMARY 8 +V
1.10" Max.
1
9 +31 V
5 +15 V BIAS 10 6 11 +15 V
1
6
12
3 7 +15 V
1.20" Max.
PRIMARY 8 RTN
12 Bottom View
7
+V 1 9 +15 V
5 +15 V BIAS 10 RTN 6 11
.197"
0.98"
-15 V 12
3
.985"
.052" Dia. Hole
PRIMARY
7 +30 V
Suggested Pad Layout
8 +V 1 9 +15 V
Measurements are in inches Specifications subject to change without notice
5 +15 V BIAS 10 RTN 6 11
Output Voltage can be varied up to 20% by adjusting the feedback voltage divider.
-15 V 12
www.dtmagnetics.com
DT Magnetics International, Inc. 140 Crosby Road Dover, NH 03820 Phone (603) 742-4375 Fax (603) 742-9165 Date code 0229
sales@dtmagnetics.com
engineering@dtmagnetics.com
Local Sales Rep Label


▲Up To Search▲   

 
Price & Availability of DTPA1074

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X